Part Number Hot Search : 
29LV0 2SD1545 29LV0 PT891510 13007A TBWB2A0O BF885S 0515S
Product Description
Full Text Search
 

To Download PA01D0503A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  , 4 ph02s/d sries 2w dc/dc converter, sip-package, 4:1 ultra wide input range ds_ph02s/d_03152012 e-mail: dcdc@delta.com.tw http://www.delta.com.tw/dcdc p1 features ? efficiency up to 80% ? sip package with standard pinout ? fully regulated output ? operating temperature range -40c to +85c ? ultra-wide 4:1 input range ? isolation voltage 1500 vdc ? short circuit protection ? lead free, rohs compliant ? 3 years product warranty the ph02s/d series are miniature, sip package, isolated 2w dc/dc converters with 1,500vdc isolation. the ph02s/d series features fully regulated output and wide 4:1 input voltage ranges. the most convenient advantage is the modules with a small footprint occupying only 2.4 cm2 (0.36 square in.) on the pcb. it offers short circuit protection and allows a wide operating temperature range of ?40c to +85c. these isolated dc/dc converters are the latest offering from a world leader in power syste ms technology and manufacturing D delta electronics, inc model list output current input current efficiency (typ.) input voltage (range) output voltage max. min. @max. load @no load reflected ripple current max. capacitive load @max. load model number vdc vdc ma ma ma(typ.) ma(typ.) ma(typ.) uf % ph02s2403a 3.3 500 125 97 2200 71 ph02s2405a 5 400 100 110 1000 76 ph02s2412a 12 167 42 106 170 79 ph02s2415a 15 134 33 105 110 80 ph02d2405a 5 200 50 114 470* 73 ph02d2412a 12 83 21 108 100* 77 ph02d2415a 24 (9 ~ 36) 15 67 17 106 20 300 47* 79 ph02s4803a 3.3 500 125 49 2200 70 ph02s4805a 5 400 100 58 1000 72 ph02s4812a 12 167 42 54 170 78 ph02s4815a 15 134 33 54 110 78 ph02d4805a 5 200 50 60 470* 70 ph02d4812a 12 83 21 55 100* 76 ph02d4815a 48 (18 ~ 75) 15 67 17 55 15 600 47* 76 * for each output
ds_ph02s/d_03152012 e-mail: dcdc@delta.com.tw http://www.delta.com.tw/dcdc input characteristics parameter model min. typ. max. unit 24v input models -0.7 --- 50 input surge voltage (1 sec. max.) 48v input models -0.7 --- 100 24v input models 4.5 6 8.5 start-up voltage 48v input models 8.5 12 17 24v input models --- --- 8 under voltage shutdown 48v input models --- --- 16 vdc reverse polarity input current --- --- 0.5 a short circuit input power --- --- 1500 mw input filter capacitor type internal power dissipation all models --- --- 2500 mw output characteristics parameter conditions min. typ. max. unit output voltage accuracy --- 1.0 2.0 % output voltage balance dual output, balanced loads --- 1.0 2.0 % line regulation vin=min. to max. --- 0.3 0.5 % load regulation io=25% to 100% --- 0.5 0.75 % ripple & noise (20mhz) --- 30 50 mv p-p ripple & noise (20mhz) over line, load & temp. --- --- 75 mv p-p ripple & noise (20mhz) --- --- 15 mv rms transient recovery time --- 100 300 us transient response deviation 25% load step change --- 3 5 % temperature coefficient --- 0.01 0.02 %/ output short circuit continuous general characteristics parameter conditions min. typ. max. unit i/o isolation voltage (rated) 60 seconds 1500 --- --- vdc i/o isolation resistance 500 vdc 1000 --- --- m ? i/o isolation capacitance 100khz, 1v --- 250 500 pf switching frequency --- 300 --- khz mtbf (calculated) mil-hdbk-217f@25 , ground benign 1,000,000 --- --- hours recommended input fuse 24v input models 48v input models 350ma slow-blow type 135ma slow-blow type remote on/off control parameter conditions min. typ. max. unit converter on under 0.6 vdc or open circuit, drops down to 0vdc by 2mv/ converter off 2.9 to 15 vdc standby input current --- 1 3 ma control input current ( on ) vin = 0v --- --- -1 ma control input current ( off ) vin = 5.0v --- --- 1 ma control common referenced to negative input environmental s p ecifications parameter conditions min. max. unit operating temperature range (with derating) ambient -40 +85 case temperature --- +90 storage temperature range -55 +105 humidity (non condensing) --- 95 % rel. h cooling free-air convection lead temperature (1.5mm from case for --- 260 p2
ds_ph02s/d_03152012 e-mail: dcdc@delta.com.tw http://www.delta.com.tw/dcdc power derating curve ~ ] ambient temperature output power (%) 0 20 40 60 80 100 -40 0 20 60 100 110 80 40 natural convection 100lfm 200lfm 400lfm notes 1 specifications typical at ta=+25 , resistive load, nominal input voltage and rated output current unless otherwise noted. 2 transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%. 3 ripple & noise measurement bandwidth is 0-20 mhz. 4 these power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these modules; however, they may not meet all specifications listed. 5 all dc/dc converters should be externally fused at the front end for protection. 6 specifications subject to change without notice. mechancial drawing mechanical dimensions pin connections pin single output dual output 1 -vin -vin 2 +vin +vin 3 remote remote 6 +vout +vout 7 nc common 8 nc nc 9 -vout -vout nc: no connection ? all dimensions in mm (inches) ? tolerance: x.x0.5 (x.xx0.02) x.xx0.25 ( x.xxx0.01) ? pins 0.1(0.004) physical outline case size : 25.95x9.25x12.45 mm (1.02x0.36x0.49 inches) case material : non-conductive black plastic (flammability to ul 94v-0 rated) weight : 6.5g p3 2.00 [0.08] 2x2.54 [2x0.10] 7.62 [0.30] 3x2.54 [3x0.10] 25.95 [1.02] 0.5 [0.02] 12.45 [0.49] 3.2 [0.13] 0.5 [0.02] 0.50 [0.02] 24.95 [0.98] 0.25 [0.01] bottom view 3.0 [0.12] 9.25 [0.36] 123 6789
ds_ph02s/d_03152012 e-mail: dcdc@delta.com.tw http://www.delta.com.tw/dcdc part numbering system p h 02 s 24 05 a form factor family series watt number of outputs input voltage output voltage option code d-dip a~z 01:1w s - single 03:3.3v 03:3.3v a - std. functions p-sip 02:2w d- dual 05: 5v 05: 5v s-smd 03:3w 12:12v 12:12v 04:4w 24: 24v 15: 15v 06:6w 48:48v 24: 24v warranty delta offers a three (3) years limited warranty. complete warranty information is listed on our web site or is available upon r equest from delta. information furnished by delta is believed to be accurate and reliable. however, no responsibility is assumed by delta for its use, nor for any infringements of patents or other rights of third parties, which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of delta. delta reserves the right to revise these specifications at any time, without notice. p4


▲Up To Search▲   

 
Price & Availability of PA01D0503A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X